Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 7Page - STMicroelectronics ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
5/15
FSD_CHIPSET_B/0104VP2
ST16-19RFRDCS
1.4 CONTROL REGISTERS
1.4.1 Reception control bits
Rx_Valid_Ext: Valid_Frame signal is provided by the Analog Front End or detected by the FPGA
(’1’= External Valid, ’0’= Digital Detection).
Rx_Speed_Auto: Reception Speed Detection (’1’= automatic, ’0’= by Rx_Speed_Low Bit).
Rx_Speed_Config: Reception Rate ("00"=106K, "01"=212K, "10"=424K, "11"=424K).
1.4.2 Transmission Control bits
Tx_Speed_Config: Transmission Rate ("00"=106K, "01"=212K, "10"=424K, "11"=424K).
Tx_Egt_Config: Number of ETU bits between data characters.
Tx_CRC_Disable: Allows to insert or not the two CRC bytes at the end of the frame
(’0’= CRC automatic, ’1’= CRC disable).
Tx_SOF_0_11: Number of ’0’s inside the Start Of Frame (’0’=10, ’1’=11).
Tx_SOF_1_3: Number of ’1’s inside the Start Of Frame (’0’=2, ’1’=3).
Tx_EOF_0_11: Number of ’0’s inside the End Of Frame (’0’=10, ’1’=11).
1.4.3 Others Control bits
Two bits control the functional mode and polarity of the interruption used to indicate the end of a received
frame.
Cfg_Irq_Pulse: IRQ Functionality (’0’=Toggle, ’1’=Pulse).
Cfg_Irq_High: Interrupt Pulse Polarity (’0’=Low, ’1’=High).
In order to be able to test the Card Reader functionality at power-on, it’s possible to connect the transmis-
sion on the reception inside the FPGA (Loop Mode).
Cfg_Loopback: Connection of the transmission on the reception. (’1’= Connection, ’0’= Normal Running)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com