Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics ST16 Datasheet HTML 17Page - STMicroelectronics ST16 Datasheet HTML 18Page - STMicroelectronics ST16 Datasheet HTML 19Page - STMicroelectronics ST16 Datasheet HTML 20Page - STMicroelectronics ST16 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
13/15
FSD_CHIPSET_B/0104VP2
ST16-19RFRDCS
2.3 AC/DC ELECTRICAL CHARACTERISTICS
Vcc = +12 V, Ta = 25 °C, magnetic field = 7,5 A/m; unless otherwise stated.
2.4 ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Limits
Units
Vcc
Power supply voltage
12
V
Current consumption
140
mA
F osc
Oscillator frequency
13.56
MHz
Frequency stability
+/-100
Ppm
S
Demodulator Sensibility
10
mV
Symbol
parameter
rating
units
Vcc
Maximum operating voltage
18
V
Tstg
Storage temperature range
- 20 to + 60
°C
Ta
Operating ambient tempera-
ture range
- 5 to + 50
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com