Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316WS Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BAS316WS Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BAS316WS
Download  BAS316WS Download
File Size   260.52 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.25A , 100V Surface Mount Small Signal Switching Diode

BAS316WS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS316WS Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BAS316WS
Download  BAS316WS Click to download

File Size   260.52 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.25A , 100V Surface Mount Small Signal Switching Diode

BAS316WS Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BAS316WS Product details

FEATURES
• High switching speed: max. 4 ns
• Ultra small plastic SMD package.
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 100 V

APPLICATINS
• High-speed switching in e.g. surface mounted circuits.




Similar Part No. - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS316WS SEMTECH_ELEC-BAS316WS Datasheet
303Kb / 3P
High Speed Switching Diode
logo
Taiwan Semiconductor Co...
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
logo
Diotec Semiconductor
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
logo
Goodwork Semiconductor ...
BAS316WS GWSEMI-BAS316WS Datasheet
108Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Similar Description - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD4448Z SECOS-MMBD4448Z Datasheet
320Kb / 2P
0.25A , 100V Plastic-Encapsulated Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com