Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS316WS
Description  0.25A , 100V Surface Mount Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS316WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS316WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS316WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAS316WS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BAS316WS
0.25A , 100V
Surface Mount Small Signal Switching Diode
24-Dec-2014 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High switching speed: max. 4 ns
Ultra small plastic SMD package.
Continuous reverse voltage: max. 75 V
Repetitive peak reverse voltage: max. 100 V
APPLICATINS
High-speed switching in e.g. surface mounted circuits.
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Repetitive peak reverse voltage
VRRM
100
V
continuous reverse voltage
VR
75
V
RMS reverse voltage
VRMS
53
V
Forward Current
IF
250
mA
Repetitive peak forward current
IFRM
500
mA
t =1µs
5
t =1 ms
1
Non-repetitive peak forward current
t =1 s
IFSM
0.5
A
Total power dissipation
PTOT
200
mW
Thermal resistance junction to ambient air
RθJA
625
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-
-
715
IF=1mA
-
-
855
IF=10mA
-
-
1000
IF=50mA
Forward Voltage
VF
-
-
1250
mV
IF=150mA
-
-
0.03
VR=25V
-
-
1
VR=75V
-
-
30
VR=25V, TJ=150°C
Reverse Leakage Current
IR
-
-
50
µA
VR=75V, TJ=150°C
Reverse Recovery Time
TRR
-
-
4
nS
when switched from
IF=10mA to IR=10 mA,
RL = 100
; measured at
IR=1 mA; see Fig.6,
Forward recovery voltage
VFR
-
-
1.75
V
IF=10mA, tr=20nS
Diode Capacitance
CD
-
2
-
pF
VR=0, f=1.0MHz
Package
MPQ
Leader Size
SOD-323
3K
7 inch
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323
Z9
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70


Similar Part No. - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS316WS SEMTECH_ELEC-BAS316WS Datasheet
303Kb / 3P
High Speed Switching Diode
logo
Taiwan Semiconductor Co...
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
logo
Diotec Semiconductor
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
logo
Goodwork Semiconductor ...
BAS316WS GWSEMI-BAS316WS Datasheet
108Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD4448Z SECOS-MMBD4448Z Datasheet
320Kb / 2P
0.25A , 100V Plastic-Encapsulated Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com