Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100F Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MBR10100F Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MBR10100F
Download  MBR10100F Download
File Size   216.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers

MBR10100F Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100F Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MBR10100F
Download  MBR10100F Click to download

File Size   216.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers

MBR10100F Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - MBR10100F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR10100F PANJIT-MBR10100F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
99Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100F KERSEMI-MBR10100F Datasheet
1Mb / 4P
Trench MOS Schottky technology
MBR10100F KERSEMI-MBR10100F Datasheet
1Mb / 2P
Low Power Loss
More results


Similar Description - MBR10100F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_12 Datasheet
251Kb / 2P
Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
MBR1040 SECOS-MBR1040 Datasheet
163Kb / 2P
Voltage 40 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com