Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR10100F
Description  Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR10100F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR10100F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR10100F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR10100F
Voltage 100 V
10.0 Amp Schottky Barrier Rectifiers
18-Apr-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.



RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.98 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VDC
100
V
(Per Leg)
5
Maximum Average Forward Rectified
Current
(Per Device)
IF
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
120
A
Power dissipation
PD
2.5
W
Typical Thermal Resistance
RJA
50
°C /W
Typical Thermal Resistance
RJC
4
°C /W
Operating and Storage Temperature Range
TJ,TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN.
Typ.
Max.
Unit
Test Condition
Reverse voltage
VBR
100
-
-
V
Maximum Instantaneous Forward Voltage
VF
-
-
0.85
V
IF=5A, TJ =25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
-
0.1
mA
VR=100V, TJ =25°C
Typical Junction Capacitance
1
CJ
-
150
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Pulse Test:Pulse Width = 300 μs, Duty Cycle ≦ 2.0%.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.80
15.20
H
3.60
4.00
B
9.96
10.36
J
1.30 REF.
C
13.20 REF.
K
0.50
0.75
D
4.30
4.70
L
2.54 REF.
E
2.80
3.20
M
2.70 REF.
F
2.50
2.90
N
 3.5 REF.
G
0.50
0.75
A
M
J
K
L
L
G
F
B
N
D
E
C
H
ITO-220J


Similar Part No. - MBR10100F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR10100F PANJIT-MBR10100F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
99Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100F KERSEMI-MBR10100F Datasheet
1Mb / 4P
Trench MOS Schottky technology
MBR10100F KERSEMI-MBR10100F Datasheet
1Mb / 2P
Low Power Loss
More results

Similar Description - MBR10100F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_12 Datasheet
251Kb / 2P
Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
MBR1040 SECOS-MBR1040 Datasheet
163Kb / 2P
Voltage 40 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com