Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet (PDF) - Xicor Inc.

X5643P Datasheet PDF - Xicor Inc.
Part # X5643P
Download  X5643P Download
File Size   117.3 Kbytes
Page   19 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 64Kbit SPI EEPROM

X5643P Datasheet (PDF)

Go To PDF Page Download Datasheet
X5643P Datasheet PDF - Xicor Inc.

Part # X5643P
Download  X5643P Click to download

File Size   117.3 Kbytes
Page   19 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 64Kbit SPI EEPROM

X5643P Datasheet (HTML) - Xicor Inc.


X5643P Product details

DESCRIPTION
These devices combine four popular functions, Poweron Reset Control, Watchdog Timer, Supply Voltage Supervision, and Block Lock Protect Serial EEPROM Memory in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.

FEATURES
• Selectable watchdog timer
• Low VCC detection and reset assertion
    —Five standard reset threshold voltages
    —Re-program low VCC reset threshold voltage using special programming sequence
    —Reset signal valid to VCC = 1V
• Determine watchdog or low voltage reset with a volatile flag bit
• Long battery life with low power consumption
    —<50µA max standby current, watchdog on
    —<1µA max standby current, watchdog off
    —<400µA max active current during read
• 64Kbits of EEPROM
• Built-in inadvertent write protection
    —Power-up/power-down protection circuitry
    —Protect 0, 1/4, 1/2 or all of EEPROM array with Block Lock™ protection
    —In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
    —32-byte page write mode
    —Self-timed write cycle
    —5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply operation
• Available packages
    —8-lead PDIP, 14-lead SOIC




Similar Part No. - X5643P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5643P INTERSIL-X5643P Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Renesas Technology Corp
X5643P RENESAS-X5643P Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5643P-4.5A INTERSIL-X5643P-4.5A Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Renesas Technology Corp
X5643P-4.5A RENESAS-X5643P-4.5A Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results


Similar Description - X5643P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5643 INTERSIL-X5643 Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
X5648 RENESAS-X5648 Datasheet
700Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com