Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet(PDF) 2 Page - Xicor Inc.

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5643P Datasheet(HTML) 2 Page - Xicor Inc.

  X5643P Datasheet HTML 1Page - Xicor Inc. X5643P Datasheet HTML 2Page - Xicor Inc. X5643P Datasheet HTML 3Page - Xicor Inc. X5643P Datasheet HTML 4Page - Xicor Inc. X5643P Datasheet HTML 5Page - Xicor Inc. X5643P Datasheet HTML 6Page - Xicor Inc. X5643P Datasheet HTML 7Page - Xicor Inc. X5643P Datasheet HTML 8Page - Xicor Inc. X5643P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
2 of 19
REV 1.1.1 3/5/01
www.xicor.com
PIN CONFIGURATION
Pin
PDIP
Pin
SOIC
Pin
TSSOP
Name
Function
1
2 & 3
2
CS/WDI
Chip Select Input. CS HIGH, deselects the device and the SO output pin is
at a high impedance state. Unless a nonvolatile write cycle is underway, the
device will be in the standby power mode. CS LOW enables the device, plac-
ing it in the active power mode. Prior to the start of any operation after power
up, a HIGH to LOW transition on CS is required.
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the watch-
dog timer. The absence of a HIGH to LOW transition within the watchdog time
out period results in RESET/RESET going active.
24
3
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data
out on this pin. The falling edge of the serial clock (SCK) clocks the data out.
5
9
13
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and
memory data on this pin. The rising edge of the serial clock (SCK) latches the in-
put data. Send all opcodes (Table 1), addresses and data MSB first.
6
10
14
SCK
Serial Clock. The serial clock controls the serial bus timing for data input and
output. The rising edge of SCK latches in the opcode, address, or data bits
present on the SI pin. The falling edge of SCK changes the data output on the
SO pin.
35
7
WP
Write Protect. The WP pin works in conjunction with a nonvolatile WPEN bit to
“lock” the setting of the watchdog timer control and the memory write protect bits.
46
8
VSS
Ground
8
12 & 13
19
VCC
Supply Voltage
7
11
18
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output
which goes active whenever VCC falls below the minimum VCC sense level.
It will remain active until VCC rises above the minimum VCC sense level for
200ms. RESET/RESET goes active if the watchdog timer is enabled and CS
remains either HIGH or LOW longer than the selectable watchdog time out
period. A falling edge of CS will reset the watchdog timer. RESET/RESET
goes active on power up at about 1V and remains active for 200ms after the
power supply stabilizes.
1, 7, 8,
14
1, 4–6,
9–12,
15–17, 20
NC
No internal connections
8-Lead PDIP
CS/WDI
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
14-Lead SOIC
SO
WP
1
2
3
4
5
6
7
RESET/RESET
SCK
SI
14
13
12
11
10
9
8
NC
VCC
NC
X5643/45
SCK
SI
CS/WDI
NC
X5643/45
NC
VCC
VSS
CS/WDI
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com