Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5643P Datasheet(PDF) 13 Page - Xicor Inc.

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5643P Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X5643P Datasheet HTML 9Page - Xicor Inc. X5643P Datasheet HTML 10Page - Xicor Inc. X5643P Datasheet HTML 11Page - Xicor Inc. X5643P Datasheet HTML 12Page - Xicor Inc. X5643P Datasheet HTML 13Page - Xicor Inc. X5643P Datasheet HTML 14Page - Xicor Inc. X5643P Datasheet HTML 15Page - Xicor Inc. X5643P Datasheet HTML 16Page - Xicor Inc. X5643P Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
13 of 19
REV 1.1.1 3/5/01
www.xicor.com
Power-Up and Power-Down Timing
RESET Output Timing
Note:
(5) This parameter is periodically sampled and not 100% tested.
CS/WDI vs. RESET/RESET Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTRIP
Reset trip point voltage, X5643-4.5A, X5643-4.5A
Reset trip point voltage, X5643, X5645
Reset trip point voltage, X5643-2.7A, X5645-2.7A
Reset trip point voltage, X5643-2.7, X5645-2.7
4.5
4.25
2.85
2.55
4.63
4.38
2.93
2.63
4.75
4.5
3.0
2.7
V
VTH
VTRIP hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage)
20
mV
tPURST
Power-up reset time out
100
200
280
ms
tRPD
(5)
VCC detect to reset/output
500
ns
tF
(5)
VCC fall time
100
µs
tR
(5)
VCC rise time
100
µs
VRVALID
Reset valid VCC
1V
RESET (X5643)
RESET (X5645)
VCC
tPURST
tPURST
tR
tF
tRPD
0 Volts
VTRIP
VTRIP
CS/WDI
tCST
RESET
tWDO
tRST
RESET
tWDO
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com