Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS350TA Datasheet (PDF) - Zetex Semiconductors

ZHCS350TA Datasheet PDF - Zetex Semiconductors
Part # ZHCS350TA
Download  ZHCS350TA Download
File Size   85.54 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SOD523 40V LOW VF SCHOTTKY BARRIER DIODE

ZHCS350TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS350TA Datasheet PDF - Zetex Semiconductors

Part # ZHCS350TA
Download  ZHCS350TA Click to download

File Size   85.54 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SOD523 40V LOW VF SCHOTTKY BARRIER DIODE

ZHCS350TA Datasheet (HTML) - Zetex Semiconductors


ZHCS350TA Product details

SOD523 40V LOW VF SCHOTTKY BARRIER DIODE



DESCRIPTION

Packaged in the SOD523 package this addition to the Zetex Schottky diode range offers an ideal low VF/IR performance combined with a low package height of 0.9mm making the device suitable for various converter, charger, and LED driver circuits.



FEATURES

• Vr = 40V

• Low VF

• 350mA continuous current rating

• Low profile SOD523 package (0.9mm)

• 100% matte tin plated external leads



APPLICATIONS

• DC - DC converters

• Mobile telecomms

• Charger circuits

• LED driver circuits

• MOSFET voltage protection circuits

• High frequency rectification




Similar Part No. - ZHCS350TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS350TA DIODES-ZHCS350TA Datasheet
94Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
AUGUST 2004
More results


Similar Description - ZHCS350TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS350 ZETEX-ZLLS350 Datasheet
135Kb / 6P
SOD523 40V LOW LEAKAGE SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
logo
Diodes Incorporated
ZHCS350 DIODES-ZHCS350 Datasheet
94Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
AUGUST 2004
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com