Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS350 Datasheet (PDF) - Diodes Incorporated

ZHCS350 Datasheet PDF - Diodes Incorporated
Part # ZHCS350
Download  ZHCS350 Download
File Size   94.77 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOD523 40V LOW VF SCHOTTKY BARRIER DIODE

ZHCS350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS350 Datasheet PDF - Diodes Incorporated

Part # ZHCS350
Download  ZHCS350 Click to download

File Size   94.77 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOD523 40V LOW VF SCHOTTKY BARRIER DIODE

ZHCS350 Datasheet (HTML) - Diodes Incorporated


ZHCS350 Product details

SOD523 40V LOW VFSCHOTTKY BARRIER DIODE



SUMMARY

VR = 40V; IFAV = 510mA;

VF = 405mV typ @ 100mA; IR= 7µA typ @ 30V



DESCRIPTION

Packaged in the SOD523 package this addition to the Zetex Schottky diode range offers an ideal low VF/IR performance combined with a low package height of 0.9mm making the device suitable for various converter, charger, and LED driver circuits.



FEATURES

• Vr = 40V

• Low VF

• 350mA continuous current rating

• Low profile SOD523 package (0.9mm)

• 100% matte tin plated external leads



APPLICATIONS

• DC - DC converters

• Mobile telecomms

• Charger circuits

• LED driver circuits

• MOSFET voltage protection circuits

• High frequency rectification




Similar Part No. - ZHCS350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS350 ZETEX-ZHCS350 Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
ZHCS350QTA DIODES-ZHCS350QTA Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
logo
Zetex Semiconductors
ZHCS350TA ZETEX-ZHCS350TA Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
ZHCS350TC ZETEX-ZHCS350TC Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
More results


Similar Description - ZHCS350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS350 ZETEX-ZHCS350 Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
ZLLS350 ZETEX-ZLLS350 Datasheet
135Kb / 6P
SOD523 40V LOW LEAKAGE SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com