Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS350 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHCS350
Description  SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS350 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHCS350 Datasheet HTML 1Page - Diodes Incorporated ZHCS350 Datasheet HTML 2Page - Diodes Incorporated ZHCS350 Datasheet HTML 3Page - Diodes Incorporated ZHCS350 Datasheet HTML 4Page - Diodes Incorporated ZHCS350 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZHCS350
ISSUE 1 - AUGUST 2004
3
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Reverse Breakdown Voltage
V(BR)R
40
60
V
IR=100 A
Forward Voltage
VF
300
335
405
730
325
370
460
810
mV
mV
mV
mV
IF=30mA*
IF=50mA*
IF=100mA*
IF = 350mA*
Reverse Current
IR
712
AVR=30V
Diode Capacitance
CD
3.3
6
pF
f=1MHz; VR=25V
Reverse Recovery Time
trr
1.6
nS
Switched from
IF=100mA to IR=100mA
Measured at IR=10mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
* Measured under pulsed conditions. Pulse width=300 S. Duty cycle
%
CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com