Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS350 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHCS350
Description  SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS350 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHCS350 Datasheet HTML 1Page - Diodes Incorporated ZHCS350 Datasheet HTML 2Page - Diodes Incorporated ZHCS350 Datasheet HTML 3Page - Diodes Incorporated ZHCS350 Datasheet HTML 4Page - Diodes Incorporated ZHCS350 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUMMARY
VR = 40V; IFAV = 510mA;
VF = 405mV typ @ 100mA; IR = 7µA typ @ 30V
DESCRIPTION
Packaged in the SOD523 package this addition to the
Zetex Schottky diode range offers an ideal low VF/IR
performance combined with a low package height of
0.9mm making the device suitable for various
converter, charger, and LED driver circuits.
FEATURES
• Vr = 40V
• Low V
F
• 350mA continuous current rating
• Low profile SOD523 package (0.9mm)
• 100% matte tin plated external leads
APPLICATIONS
• DC - DC converters
• Mobile telecomms
• Charger circuits
• LED driver circuits
• MOSFET voltage protection circuits
• High frequency rectification
Prior to May 2005 (Pb free conversion date) a prefix ‘u’
will be applied to the part numberto denote Pb free for
ordering purposes only.
DEVICE MARKING
• 35
ZHCS350
ISSUE 1 - AUGUST 2004
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
1
SOD523
PINOUT
TOP VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER
REEL
ZHCS350TA
7”
8mm embossed
3,000 units
ZHCS350TC
13”
8mm embossed
10,000 units
ORDERING INFORMATION


Similar Part No. - ZHCS350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS350 ZETEX-ZHCS350 Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
ZHCS350QTA DIODES-ZHCS350QTA Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
logo
Zetex Semiconductors
ZHCS350TA ZETEX-ZHCS350TA Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
ZHCS350TC ZETEX-ZHCS350TC Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS350 ZETEX-ZHCS350 Datasheet
85Kb / 5P
SOD523 40V LOW VF SCHOTTKY BARRIER DIODE
ZLLS350 ZETEX-ZLLS350 Datasheet
135Kb / 6P
SOD523 40V LOW LEAKAGE SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com