Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1683 Datasheet (PDF) - Sanyo Semicon Device

2SB1683 Datasheet PDF - Sanyo Semicon Device
Part # 2SB1683
Download  2SB1683 Download
File Size   29.23 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V / 12A, AF 60W Output Applications

2SB1683 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1683 Datasheet PDF - Sanyo Semicon Device

Part # 2SB1683
Download  2SB1683 Click to download

File Size   29.23 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V / 12A, AF 60W Output Applications

2SB1683 Datasheet (HTML) - Sanyo Semicon Device


2SB1683 Product details

Features

• Wide ASO because of on-chip ballast resistance.

• Good dependence of fT on current and good HF characteristic.




Similar Part No. - 2SB1683

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
logo
List of Unclassifed Man...
2SB1685 ETC1-2SB1685 Datasheet
29Kb / 1P
Silicon PNP Epitaxial Planar Transistor
2SB1686 ETC1-2SB1686 Datasheet
38Kb / 1P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Renesas Technology Corp
2SB1688 RENESAS-2SB1688 Datasheet
167Kb / 6P
Silicon PNP Epitaxial High voltage amplifier
logo
Toshiba Semiconductor
2SB1688 TOSHIBA-2SB1688 Datasheet
32Kb / 4P
complementary to 2sc5174
More results


Similar Description - 2SB1683

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
85V/6A, AF 35W Output Applications???
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
100V/7A, AF 40W Output Applications????
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
140V/12A, AF 60W Output Applications??????
2SA2062 SANYO-2SA2062 Datasheet
34Kb / 4P
140V / 10A, AF70W Output Applications
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com