Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8560 Datasheet (PDF) - Unisonic Technologies

LM8560 Datasheet PDF - Unisonic Technologies
Part # LM8560
Download  LM8560 Download
File Size   176.46 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MOS IC

LM8560 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8560 Datasheet PDF - Unisonic Technologies

Part # LM8560
Download  LM8560 Click to download

File Size   176.46 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MOS IC

LM8560 Datasheet (HTML) - Unisonic Technologies


LM8560 Product details

DESCRIPTION

The LM8560 is alarm equipped digital clock IC with built-in driver capable of directly driving LED display equipment. As IC himself the VDD pin for the LM8560 is graded to withstand a voltage of 15V.



FEATURES

*Single chip P-channel ED MOS LSI

*LED direct drive using time division (duplex configuration)

*Wide operating power supply voltage range

*Built-in alarm function with 24-hour control 

*Supports changeover between 12-hour AM/PM and 24-hour displays

*Built-in battery backup CR oscillator 

*Users 50Hz or 60Hz as standard frequency 

*Built-in automatic fast forward function for hour and minute settings

*Built-in sleep timer function (maximum intervals of 59 minutes or 1 hours and 59 minutes)

*Built-in snooze function supporting repeat use

*Equipped with power failure display function

*900Hz output for alarm tone




Similar Part No. - LM8560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM8560 SANYO-LM8560 Datasheet
191Kb / 7P
Digital Alarm Clock
LM8560B SANYO-LM8560B Datasheet
191Kb / 7P
Digital Alarm Clock
LM8560N SANYO-LM8560N Datasheet
191Kb / 7P
Digital Alarm Clock
More results


Similar Description - LM8560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
logo
Unisonic Technologies
UR5596 UTC-UR5596 Datasheet
202Kb / 11P
MOS IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com