Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8560 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM8560
Description  MOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM8560 Datasheet(HTML) 2 Page - Unisonic Technologies

  LM8560 Datasheet HTML 1Page - Unisonic Technologies LM8560 Datasheet HTML 2Page - Unisonic Technologies LM8560 Datasheet HTML 3Page - Unisonic Technologies LM8560 Datasheet HTML 4Page - Unisonic Technologies LM8560 Datasheet HTML 5Page - Unisonic Technologies LM8560 Datasheet HTML 6Page - Unisonic Technologies LM8560 Datasheet HTML 7Page - Unisonic Technologies LM8560 Datasheet HTML 8Page - Unisonic Technologies LM8560 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UTCLM8560
MOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R502-005,D
PIN CONFIGURATIONS
15
16
18
19
20
21
22
17
24
25
26
27
28
23
14
13
11
10
9
8
7
12
5
4
3
2
1
6
AM& 10'S HR
ag&de
PM& 10'S HR b
10'S HR c& HR e
HR b&g
HR c&d
HR a&f
MIN b&g
MIN c&d
MIN a&f
Colon Output
VSS
Sleep Output
Alarm OFF
Alarm Display
VDD
Hour Set
Minute Set
Sleep Display
Snooze Input
50/60 Hz Input
50/60 Hz Select
12/24 HR Select
CR Input
Alarm Output
LM8560
10'S MIN a&f
10'S MIN b&g
10'S MIN c&d
10'S MIN e &Min e
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, Vss=0V)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Maximum Supply Voltage
VDD (max)
-15~ +0.3
V
Input Voltage1
VIN1
50/60Hz Input
-15~ +0.3
V
Input Voltage2
VIN2
Except 50/60Hz Input
-15~ +0.3
V
Output Voltage
VOUT
-15~ +0.3
V
Input Clamp Current
lIN
50/60Hz Input
-0.4 ~+0.4
mA
Allowable Power Dissipation
PD (max)
Ta=70
°C
700
mW
Operating Temperature
Topr
-30 ~ +70
°C
Storage Temperature
Tstg
-55 ~ +125
°C
ALLOWABLE OPERATING RANGES (Ta=25°C, Vss=0V )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
-14
-7.5
V
Input “H” Level Voltage1
VIH1
50/60Hz Input
-1
V
Input “L” Level Voltage1
VIL1
50/60Hz Input
VDD+2
V
Input “H” Level Voltage2
VIH2
Except 50/60Hz Input
-1.5
V
Input “L” Level Voltage2
VIL2
Except 50/60Hz Input
VDD+2
V
50/60Hz Input Pin Input
Voltage
VAC-IN Sets VSS as Reference
VLED
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com