Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL7200 Datasheet (PDF) - Vishay Siliconix

TSAL7200 Datasheet PDF - Vishay Siliconix
Part # TSAL7200
Download  TSAL7200 Download
File Size   117.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode

TSAL7200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSAL7200 Datasheet PDF - Vishay Siliconix

Part # TSAL7200
Download  TSAL7200 Click to download

File Size   117.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode

TSAL7200 Datasheet (HTML) - Vishay Siliconix


TSAL7200 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength: λp = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: φ = ± 17°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors




Similar Part No. - TSAL7200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSAL7200 VISHAY-TSAL7200 Datasheet
112Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL7200 VISHAY-TSAL7200 Datasheet
114Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
04-Jul-16
TSAL7200 VISHAY-TSAL7200 Datasheet
115Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
04-Jul-16
More results


Similar Description - TSAL7200

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100_14 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode
13-Mar-14
TSAL6400 VISHAY-TSAL6400_14 Datasheet
107Kb / 5P
High Power Infrared Emitting Diode
13-Mar-14
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
VSMY99445DS VISHAY-VSMY99445DS Datasheet
310Kb / 7P
High Power Infrared Emitting Diode
12-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com