Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG3139K Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCG3139K Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCG3139K
Download  SCG3139K Download
File Size   452.4 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET

SCG3139K Datasheet (PDF)

Go To PDF Page Download Datasheet
SCG3139K Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCG3139K
Download  SCG3139K Click to download

File Size   452.4 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET

SCG3139K Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCG3139K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3139K-C SECOS-SCG3139K-C Datasheet
246Kb / 3P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - SCG3139K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Jin Yu Semicon...
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
UPA2631T1R RENESAS-UPA2631T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -20 V, -8.0 A, 32 m
logo
SeCoS Halbleitertechnol...
SCG4153S SECOS-SCG4153S Datasheet
456Kb / 3P
0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
SDT2P02 SECOS-SDT2P02 Datasheet
222Kb / 4P
-2.2A, -20V, RDS(ON) 200 m(ohm) Dual-P Enhancement Mode MOSFET
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
NTTFS004P02P8 ONSEMI-NTTFS004P02P8 Datasheet
321Kb / 7P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 4 m
June, 2023 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com