Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

170220020B Datasheet (PDF) - AAEON Technology

170220020B Datasheet PDF - AAEON Technology
Part # 170220020B
Download  170220020B Download
File Size   571.91 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description DC 12V Only or 9~19V (Optional), AT/ATX Mode

170220020B Datasheet (PDF)

Go To PDF Page Download Datasheet
170220020B Datasheet PDF - AAEON Technology

Part # 170220020B
Download  170220020B Click to download

File Size   571.91 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description DC 12V Only or 9~19V (Optional), AT/ATX Mode

170220020B Datasheet (HTML) - AAEON Technology




Similar Part No. - 170220020B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
170220020B AAEON-170220020B Datasheet
279Kb / 2P
gigabit ethernet
170220020B AAEON-170220020B Datasheet
318Kb / 2P
gigabit ethernet
170220020B AAEON-170220020B Datasheet
334Kb / 2P
supports tpm
170220020B AAEON-170220020B Datasheet
443Kb / 2P
Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
170220020B AAEON-170220020B Datasheet
458Kb / 2P
Wide DC Support 9~36V, 12V Only (Optional)
More results


Similar Description - 170220020B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
logo
Sparkle Power Inc.
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
250 Watts ATX12V Switching Power Supply
FSP250-60GHC SPI-FSP250-60GHC Datasheet
256Kb / 1P
250 Watts ATX12V Switching Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
250 Watts ATX12V Swithcing Power Supply
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
500 Watts ATX12V Switching Power Supply
logo
AAEON Technology
GENE-BT04 AAEON-GENE-BT04 Datasheet
294Kb / 2P
dc 12v atx mode
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
Wide DC Support 9~36V, 12V Only (Optional)
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
1200 Watts ATX 12V Switching Power Supply
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com