Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-P11UT Datasheet (PDF) - Rohm

SML-P11UT Datasheet PDF - Rohm
Part # SML-P11UT
Download  SML-P11UT Download
File Size   278.9 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ultra compact, thin size

SML-P11UT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-P11UT Datasheet PDF - Rohm

Part # SML-P11UT
Download  SML-P11UT Click to download

File Size   278.9 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ultra compact, thin size

SML-P11UT Datasheet (HTML) - Rohm


SML-P11UT Product details

PICOLED™ - eco/PICOLED™



1006(0402)

1.0×0.6mm(t=0.2mm)



Features

・Ultra compact, thin size 1.0×0.6mm

・Thinnest size in the world*t=0.2mm

・ Original device technology enables high brightness and high reliability

・Accomplishes low power consuming application

・Specification assured at IF=1mA (PICOLEDTM-eco)



 




Similar Part No. - SML-P11UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P11UT ROHM-SML-P11UT Datasheet
127Kb / 3P
Low Current Type
SML-P11UT ROHM-SML-P11UT Datasheet
1Mb / 4P
Ultra compact
SML-P11UT ROHM-SML-P11UT Datasheet
1Mb / 4P
SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11UT ROHM-SML-P11UT Datasheet
122Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type
SML-P11UT ROHM-SML-P11UT Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
More results


Similar Description - SML-P11UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
Ultra compact,thin side-view type LED
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
logo
XP Power Limited
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
Ultra Compact Size
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
Ultra Compact Size
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
Ultra compact, thin size 1.0x0.6mm
logo
XP Power Limited
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
Ultra Compact Size
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
Ultra compact, thin size
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com