Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1492 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB1492 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB1492
Download  2SB1492 Download
File Size   269.27 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor 2SB1492

2SB1492 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1492 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB1492
Download  2SB1492 Click to download

File Size   269.27 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor 2SB1492

2SB1492 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB1492 Product details

DESCRIPTION
• High DC Current Gain- : hFE= 5000(Min)@IC= -5A
• Low-Collector Saturation Voltage- : VCE(sat)= -2.5V(Max.)@IC= -5A
• Complement to Type 2SD2254
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device performance and reliable operation

APPLICATIONS
• Designed for power amplifier applications.
• Optimum for 60W HiFi output applications.




Similar Part No. - 2SB1492

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
logo
New Jersey Semi-Conduct...
2SB1492 NJSEMI-2SB1492 Datasheet
78Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Similar Description - 2SB1492

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com