Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSF4500 Datasheet (PDF) - Vishay Siliconix

TSSF4500 Datasheet PDF - Vishay Siliconix
Part # TSSF4500
Download  TSSF4500 Download
File Size   96.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero

TSSF4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSF4500 Datasheet PDF - Vishay Siliconix

Part # TSSF4500
Download  TSSF4500 Click to download

File Size   96.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero

TSSF4500 Datasheet (HTML) - Vishay Siliconix


TSSF4500 Product details

• Package type: leaded
• Package form: side view
• Dimensions (L x W x H in mm): 4.5 x 4 x 4.8
• Peak wavelength: λp = 890 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 12 MHz
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSSF4500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSF4500 VISHAY-TSSF4500 Datasheet
50Kb / 3P
High Speed Infrared Emitting Diode in Side View Package
20-May-99
TSSF4500 VISHAY-TSSF4500 Datasheet
91Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSSF4500 VISHAY-TSSF4500 Datasheet
94Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSSF4500 VISHAY-TSSF4500 Datasheet
94Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
More results


Similar Description - TSSF4500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSHF6210 VISHAY-TSHF6210 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
03-Nov-09
TSHF5410 VISHAY-TSHF5410_11 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
VSMF3710 VISHAY-VSMF3710_15 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
02-Nov-15
TSHF5210 VISHAY-TSHF5210_V01 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSHF5410 VISHAY-TSHF5410_V01 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
24-Aug-11
VSMF3710 VISHAY-VSMF3710_V01 Datasheet
143Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
15-Jul-2020
TSHF6410 VISHAY-TSHF6410_V02 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
23-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com