Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSF4500 Datasheet (PDF) - Vishay Siliconix

TSSF4500 Datasheet PDF - Vishay Siliconix
Part # TSSF4500
Download  TSSF4500 Download
File Size   50.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode in Side View Package

TSSF4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSF4500 Datasheet PDF - Vishay Siliconix

Part # TSSF4500
Download  TSSF4500 Click to download

File Size   50.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode in Side View Package

TSSF4500 Datasheet (HTML) - Vishay Siliconix


TSSF4500 Product details

DESCRIPTION
TSSF4500 is an infrared, 890 nm emitting diode in GaAlAs double hetero (DH) technology with high radiant power and high speed, molded in a clear, untinted plastic package.

FEATURES
• Package type: leaded
• Package form: side view
• Dimensions (L x W x H in mm): 4.5 x 4 x 4.8
• Peak wavelength: λp = 890 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 12 MHz
• Good spectral matching with Si photodetectors
• Lead (Pb)-free component in accordance with RoHS 2002/95/EC and WEEE 2002/96/EC

APPLICATIONS
• Infrared high speed remote control and free air data transmission systems with high modulation frequencies or high data transmission rate requirements
• TSSF4500 is ideal for the design of transmission systems according to IrDA requirements and for carrier frequency based systems (e.g. ASK/FSK - coded, 450 kHz or 1.3 MHz)




Similar Part No. - TSSF4500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSF4500 VISHAY-TSSF4500 Datasheet
91Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSSF4500 VISHAY-TSSF4500 Datasheet
96Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSSF4500 VISHAY-TSSF4500 Datasheet
94Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSSF4500 VISHAY-TSSF4500 Datasheet
94Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
More results


Similar Description - TSSF4500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQX48 VISHAY-CQX48 Datasheet
74Kb / 5P
GaAs Infrared Emitting Diode in Side View Package
16-Nov-99
TSKS5400 VISHAY-TSKS5400 Datasheet
91Kb / 5P
GaAs Infrared Emitting Diode in Side View Package
15-Dez-99
TSSS2600 VISHAY-TSSS2600 Datasheet
98Kb / 5P
GaAs IR Emitting Diode in Side View Miniature Package
20-May-99
logo
Rohm
SIM-20ST ROHM-SIM-20ST Datasheet
54Kb / 3P
Infrared light emitting diode, side-view type
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
logo
TEMIC Semiconductors
TSKS5412X01 TEMIC-TSKS5412X01 Datasheet
104Kb / 7P
GaAs Infrared Emitting Diode in Side View Package
logo
Vishay Siliconix
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
GaAs Infrared Emitting Diode in Side View Package
30-Apr-02
TSHF5210 VISHAY-TSHF5210 Datasheet
117Kb / 6P
High Speed Infrared Emitting Diode in T-13/4 Package
30-Oct-06
TSHF5410 VISHAY-TSHF5410 Datasheet
116Kb / 6P
High Speed Infrared Emitting Diode in T-1 3/4 Package
26-Oct-06
logo
Rohm
SIM-22ST ROHM-SIM-22ST_10 Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com