Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSS2600 Datasheet (PDF) - Vishay Siliconix

TSSS2600 Datasheet PDF - Vishay Siliconix
Part # TSSS2600
Download  TSSS2600 Download
File Size   98.62 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs IR Emitting Diode in Side View Miniature Package

TSSS2600 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSS2600 Datasheet PDF - Vishay Siliconix

Part # TSSS2600
Download  TSSS2600 Click to download

File Size   98.62 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs IR Emitting Diode in Side View Miniature Package

TSSS2600 Datasheet (HTML) - Vishay Siliconix


TSSS2600 Product details

DESCRIPTION
TSSS2600 is an infrared, 950 nm emitting diode in GaAs technology, molded in a miniature, clear plastic package with side view lens.

FEATURES
• Package type: leaded
• Package form: side view
• Dimensions (L x W x H in mm): 3.6 x 2.2 x 5
• Peak wavelength: λp = 950 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 25°, horizontal
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matched with detector TEST2600
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Infrared source in miniature light barriers or reflective sensor systems with short transmission distances and low forward voltage requirements. Matching with silicon PIN photodiodes or phototransistors (e.g. TEST2600)




Similar Part No. - TSSS2600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSS2600 VISHAY-TSSS2600 Datasheet
104Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSSS2600 VISHAY-TSSS2600 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSSS2600 VISHAY-TSSS2600 Datasheet
107Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSSS2600 VISHAY-TSSS2600 Datasheet
106Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSSS2600 VISHAY-TSSS2600_08 Datasheet
104Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
More results


Similar Description - TSSS2600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQX48 VISHAY-CQX48 Datasheet
74Kb / 5P
GaAs Infrared Emitting Diode in Side View Package
16-Nov-99
CQY36N VISHAY-CQY36N Datasheet
120Kb / 6P
GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
08-Mar-05
CQY37N VISHAY-CQY37N Datasheet
76Kb / 5P
GaAs Infrared Emitting Diode in Miniature (T-3/4)Package
20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
20-May-99
TSKS5400 VISHAY-TSKS5400 Datasheet
91Kb / 5P
GaAs Infrared Emitting Diode in Side View Package
15-Dez-99
TSSF4500 VISHAY-TSSF4500 Datasheet
50Kb / 3P
High Speed Infrared Emitting Diode in Side View Package
20-May-99
logo
Unity Opto Technology
MIE-134G2 UOT-MIE-134G2 Datasheet
39Kb / 2P
GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
TEMIC Semiconductors
TSKS5412X01 TEMIC-TSKS5412X01 Datasheet
104Kb / 7P
GaAs Infrared Emitting Diode in Side View Package
logo
Vishay Siliconix
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
GaAs Infrared Emitting Diode in Side View Package
30-Apr-02
CQY37N VISHAY-CQY37N_06 Datasheet
106Kb / 6P
GaAs Infrared Emitting Diode in Miniature (T-4/3) Package
30-Mar-06
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com