Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSS2600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSSS2600
Description  GaAs IR Emitting Diode in Side View Miniature Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSS2600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSSS2600 Datasheet HTML 1Page - Vishay Siliconix TSSS2600 Datasheet HTML 2Page - Vishay Siliconix TSSS2600 Datasheet HTML 3Page - Vishay Siliconix TSSS2600 Datasheet HTML 4Page - Vishay Siliconix TSSS2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSSS2600
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81042
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.25
1.6
V
g
IF = 1.5 A, tp = 100 ms
VF
2.2
V
Temp. Coefficient of VF
IF = 100mA
TKVF
–1.3
mV/K
Reverse Current
VR = 5 V
IR
100
mA
Junction Capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
30
pF
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
1
2.6
mW/sr
y
IF = 1.5 A, tp = 100 ms
Ie
25
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
fe
20
mW
Temp. Coefficient of
fe
IF = 100 mA
TKfe
–0.8
%/K
Angle of Half Intensity
horizontal
ϕ1
±25
deg
gy
vertical
ϕ2
±60
deg
Peak Wavelength
IF = 100 mA
lp
950
nm
Spectral Bandwidth
IF = 100 mA
Dl
50
nm
Temp. Coefficient of
lp
IF = 100 mA
TKlp
0.2
nm/K
Rise Time
IF = 100 mA
tr
800
ns
IF = 1.5 A
tr
400
ns
Fall Time
IF = 100 mA
tf
800
ns
IF = 1.5 A
tf
400
ns
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
20
406080
0
50
100
150
200
250
Tamb – Ambient Temperature ( °C )
100
94 8029 e
RthJA
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
94 7916 e
RthJA
Figure 2. Forward Current vs. Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com