Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61350K-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-61350K-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-61350K-C1-R0_17
Download  ATS-61350K-C1-R0 Download
File Size   304.07 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Product hole pattern is 24 mm C-C (center to center)

ATS-61350K-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-61350K-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-61350K-C1-R0_17
Download  ATS-61350K-C1-R0 Click to download

File Size   304.07 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Product hole pattern is 24 mm C-C (center to center)

ATS-61350K-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-61350K-C1-R0 Product details

« X-Cut straight fin heat sink fins offer omnidirectional air flow for
optimum thermal performance independent of PCB lay-out
« Stainless steel screw fan attachment ensures dependable long-term
fan to heat sink assembly. 4-40 thread screws are supplied in 4 lengths
(1/2", 3/4", 7/8", 1"). Contact ATS for custom options available.
« Product hole pattern is 24 mm C-C (center to center)
« Component Attachment: ATS maxiGRIP™ is a proven high reliability
mechanical attachment system
« Meets Telecordia GR-63-Core Office Vibration; ETSI 300 019
Transportation Vibration; and MIL-STD-810 Shock Testing and
Unpackaged Drop Testing Standards
« maxiGRIP™hardware includes a high performance plastic frame clip
and 300 Series stainless steel spring clip- avoiding PCB through holes
« Provided with pre-assembled Thermal Interface Material (TIM)
centered on base
« “Keep-Out” Requirements: An “Un-Populated” boarder zone of
5 mm around the component is necessary to facilitate the installation/
removal of the maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out
Guidelines and Installation/Removal Instructions for further details




Similar Part No. - ATS-61350K-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61350D-C1-R0 ATS-ATS-61350D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61350D-C1-R0 ATS-ATS-61350D-C1-R0_17 Datasheet
315Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61350R-C1-R0 ATS-ATS-61350R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61350R-C1-R0 ATS-ATS-61350R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
More results


Similar Description - ATS-61350K-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQV6 PANASONIC-EVQV6 Datasheet
58Kb / 1P
20/12 mm Center Space Encoders
logo
List of Unclassifed Man...
1517W ETC2-1517W Datasheet
275Kb / 8P
.375 (9.52mm) Center-to-Center Spacing
logo
CUI INC
PJ-059AH CUI-PJ-059AH Datasheet
123Kb / 3P
2.0 mm center pin
logo
Panasonic Semiconductor
EVQV0 PANASONIC-EVQV0 Datasheet
108Kb / 2P
60/40 mm Center Space Encoders
EVQV5 PANASONIC-EVQV5 Datasheet
111Kb / 2P
27/18 mm Center Space Encoders
EVQVN PANASONIC-EVQVN Datasheet
117Kb / 2P
38/25 mm Center Space Encoders
EVQWF PANASONIC-EVQWF Datasheet
104Kb / 2P
27/17 mm Center Space Encoders
EVQV9 PANASONIC-EVQV9 Datasheet
121Kb / 2P
20/12 mm Center Space Encoders
logo
SparkFun Electronics
ROB-12365 SPARKFUN-ROB-12365 Datasheet
92Kb / 1P
Center Hole Adapters - 4 pack
8/3/2016
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com