Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-059AH Datasheet (PDF) - CUI INC

PJ-059AH Datasheet PDF - CUI INC
Part # PJ-059AH
Download  PJ-059AH Download
File Size   123.26 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 2.0 mm center pin

PJ-059AH Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-059AH Datasheet PDF - CUI INC

Part # PJ-059AH
Download  PJ-059AH Click to download

File Size   123.26 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 2.0 mm center pin

PJ-059AH Datasheet (HTML) - CUI INC




Similar Part No. - PJ-059AH

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PJ-059AH CUID-PJ-059AH Datasheet
275Kb / 3P
DC POWER JACK
02/27/2023
More results


Similar Description - PJ-059AH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN222RPH PANASONIC-LN222RPH Datasheet
31Kb / 1P
2.0 mm Series
LN222RPX PANASONIC-LN222RPX Datasheet
30Kb / 1P
2.0 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN342GP PANASONIC-LN342GP Datasheet
44Kb / 2P
5.0 mm 쨈 2.0 mm Series
logo
ITT Industries
050-000-0030070 ITT-050-000-0030070 Datasheet
52Kb / 2P
12-POINT CENTER PIN CRIMP TOOL
logo
SUYIN USA, INC.
254171MR SUYIN-USA-254171MR Datasheet
226Kb / 1P
2.54mm CENTER PIN WAFER WITH LOCK
254171MS SUYIN-USA-254171MS Datasheet
229Kb / 1P
2.54mm CENTER PIN WAFER WITH LOCK
254211MR SUYIN-USA-254211MR Datasheet
213Kb / 1P
2.54mm CENTER SINGLE ROW PIN WAFER
254211MS SUYIN-USA-254211MS Datasheet
238Kb / 1P
2.54mm CENTER SINGLE ROW PIN WAFER
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
1.0mm center pin
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com