Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-059AH Datasheet(PDF) 1 Page - CUI INC

Part # PJ-059AH
Description  2.0 mm center pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-059AH Datasheet(HTML) 1 Page - CUI INC

  PJ-059AH Datasheet HTML 1Page - CUI INC PJ-059AH Datasheet HTML 2Page - CUI INC PJ-059AH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
01/06/2014
page
1 of 3
cui.com
MODEL:
PJ-059AH │ DESCRIPTION: DC POWER JACK
FEATURES
• 2.0 mm center pin
• 5.0 A rating
• right-angle orientation
• through hole
• locking type
• tapered pins
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
16
Vdc
rated input current
5.0
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5 ±0.5 seconds
255
260
265
°C


Similar Part No. - PJ-059AH

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PJ-059AH CUID-PJ-059AH Datasheet
275Kb / 3P
DC POWER JACK
02/27/2023
More results

Similar Description - PJ-059AH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN222RPH PANASONIC-LN222RPH Datasheet
31Kb / 1P
2.0 mm Series
LN222RPX PANASONIC-LN222RPX Datasheet
30Kb / 1P
2.0 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN342GP PANASONIC-LN342GP Datasheet
44Kb / 2P
5.0 mm 쨈 2.0 mm Series
logo
ITT Industries
050-000-0030070 ITT-050-000-0030070 Datasheet
52Kb / 2P
12-POINT CENTER PIN CRIMP TOOL
logo
SUYIN USA, INC.
254171MR SUYIN-USA-254171MR Datasheet
226Kb / 1P
2.54mm CENTER PIN WAFER WITH LOCK
254171MS SUYIN-USA-254171MS Datasheet
229Kb / 1P
2.54mm CENTER PIN WAFER WITH LOCK
254211MR SUYIN-USA-254211MR Datasheet
213Kb / 1P
2.54mm CENTER SINGLE ROW PIN WAFER
254211MS SUYIN-USA-254211MS Datasheet
238Kb / 1P
2.54mm CENTER SINGLE ROW PIN WAFER
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
1.0mm center pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com