Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-059AH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-059AH
Description  2.0 mm center pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-059AH Datasheet(HTML) 2 Page - CUI INC

  PJ-059AH Datasheet HTML 1Page - CUI INC PJ-059AH Datasheet HTML 2Page - CUI INC PJ-059AH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-059AH │ DESCRIPTION: DC POWER JACK
date
01/06/2014│ page 2 of 3
3
2
1
0.185
0.157
4.00
0.453
11.5
0.118
3.0
0.118
3.0
4.7
2.20 0.087
3.0 0.118
0.091
2.30
0.453
11.5
4.00 0.157
3.0 0.118
4.7 0.185
6.50 0.256
3.5 0.138
0.3 (3 PLCS)
23
1
3.50 0.138
15.2 0.598
1.00 0.039
(3 PLCS)
0.433
5.70
0.354
0.224
11.0
0.079
2.00
9.0
(2 PLCS)
0.140
3.55
R
1.8 0.071
+0.00
-0.10
21
TOP VIEW
PCB LAYOUT
3
1.00X1.60
(3 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
silver
terminal 2
copper alloy
silver
terminal 3
brass
silver
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-059AH
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.8 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com