Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3211 Datasheet (PDF) - Microsemi Corporation

1N3211 Datasheet PDF - Microsemi Corporation
Part # 1N3211
Download  1N3211 Download
File Size   162.73 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON POWER RECTIFIER

1N3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3211 Datasheet PDF - Microsemi Corporation

Part # 1N3211
Download  1N3211 Click to download

File Size   162.73 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON POWER RECTIFIER

1N3211 Datasheet (HTML) - Microsemi Corporation


1N3211 Product details

Silicon Power Rectifier

● Glass Passivated Die
● 800A surge rating
● Glass to metal seal construction
● VRRM to 1200V




Similar Part No. - 1N3211

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3211 IRF-1N3211 Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3211 VISHAY-1N3211 Datasheet
80Kb / 4P
Stud-Mounted Silicon Rectifier Diodes, 15 A
24-Jun-08
logo
New Jersey Semi-Conduct...
1N3211 NJSEMI-1N3211 Datasheet
100Kb / 1P
Silicon Power Rectifiers
logo
America Semiconductor, ...
1N3211 AMERICASEMI-1N3211 Datasheet
408Kb / 2P
DEVICE HIGH POWER STANDARD
logo
Digitron Semiconductors
1N3211 DIGITRON-1N3211 Datasheet
136Kb / 2P
STANDARD RECOVERY RECTIFIERS
More results


Similar Description - 1N3211

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
1N1342B MICROSEMI-1N1342B Datasheet
141Kb / 2P
SILICON POWER RECTIFIER
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
SILICON POWER RECTIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com