Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118AHT Datasheet (PDF) - Vishay Siliconix

118AHT Datasheet PDF - Vishay Siliconix
Part # 118AHT
Download  118AHT Download
File Size   245.58 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial High Temperature

118AHT Datasheet (PDF)

Go To PDF Page Download Datasheet
118AHT Datasheet PDF - Vishay Siliconix

Part # 118AHT
Download  118AHT Click to download

File Size   245.58 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial High Temperature

118AHT Datasheet (HTML) - Vishay Siliconix


118AHT Product details

• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated
with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 mm x 30 mm available for
automatic insertion
• Charge and discharge proof
• Extra long useful life: up to 8000 h at 125 °C, high
reliability
• Extended temperature range: 125 °C (usable up to
150 °C)
• Miniaturized, high CV-product per unit volume




Similar Part No. - 118AHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118AHT ETC-118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
Aluminum Capacitors Axial High Temperature
30-May-08
118AHT VISHAY-118AHT Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
More results


Similar Description - 118AHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
30-Jun-2020
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
04-Mar-2020
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
20-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com