Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL501E Datasheet (PDF) - List of Unclassifed Manufacturers

HAL501E Datasheet PDF - List of Unclassifed Manufacturers
Part # HAL501E
Download  HAL501E Download
File Size   315.97 Kbytes
Page   44 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor Family

HAL501E Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL501E Datasheet PDF - List of Unclassifed Manufacturers

Part # HAL501E
Download  HAL501E Click to download

File Size   315.97 Kbytes
Page   44 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor Family

HAL501E Datasheet (HTML) - List of Unclassifed Manufacturers


HAL501E Product details

[Micronas]

Introduction
The HAL5xx family consists of different Hall switches produced in CMOS technology. All sensors include a temperature-compensated Hall plate with active offset compensation, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off.

Features:
– switching offset compensation at typically 62 kHz
– operates from 3.8 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against mechanical stress effects
– short-circuit protected open-drain output by thermal shut down
– operates with static magnetic fields and dynamic magnetic fields up to 10 kHz
– constant switching points over a wide supply voltage range
– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics
– ideal sensor for applications in extreme automotive and industrial environments
– EMC corresponding to DIN 40839




Similar Part No. - HAL501E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
HAL501SF-A MICRONAS-HAL501SF-A Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL501SF-K MICRONAS-HAL501SF-K Datasheet
1Mb / 48P
Hall-Effect Sensor Family
More results


Similar Description - HAL501E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
Two-Wire Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com