Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS205X Datasheet (PDF) - List of Unclassifed Manufacturers

IS205X Datasheet PDF - List of Unclassifed Manufacturers
Part # IS205X
Download  IS205X Download
File Size   45.92 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

IS205X Datasheet (PDF)

Go To PDF Page Download Datasheet
IS205X Datasheet PDF - List of Unclassifed Manufacturers

Part # IS205X
Download  IS205X Click to download

File Size   45.92 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

IS205X Datasheet (HTML) - List of Unclassifed Manufacturers


IS205X Product details

[Isocom]

DESCRIPTION
The IS205, IS206 series of optically coupled isolators consist of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package with the base pin unconnected.

FEATURES
• Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
• High Current Transfer Ratio (50% min)
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• Base pin unconnected for improved noise immunity in high EMI environment

APPLICATIONS
• DC motor controllers
• Industrial systems controllers
• Signal transmission between systems of different potentials and impedances




Similar Part No. - IS205X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS205X ISOCOM-IS205X Datasheet
72Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
IS205X1 ISOCOM-IS205X1 Datasheet
41Kb / 3P
LOW INPUT CURRENT NON-BASE LEAD PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATOR
IS205X2 ISOCOM-IS205X2 Datasheet
41Kb / 3P
LOW INPUT CURRENT NON-BASE LEAD PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATOR
IS205X3 ISOCOM-IS205X3 Datasheet
41Kb / 3P
LOW INPUT CURRENT NON-BASE LEAD PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATOR
More results


Similar Description - IS205X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
CNY17F-1X ISOCOM-CNY17F-1X Datasheet
68Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
CNX82A ISOCOM-CNX82A Datasheet
216Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101 ISOCOM-MOC8101_08 Datasheet
74Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com