Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1161A1 Datasheet (PDF) - NXP Semiconductors

ISP1161A1 Datasheet PDF - NXP Semiconductors
Part # ISP1161A1
Download  ISP1161A1 Download
File Size   599.27 Kbytes
Page   136 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Serial Bus single-chip host and device controller

ISP1161A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1161A1 Datasheet PDF - NXP Semiconductors

Part # ISP1161A1
Download  ISP1161A1 Click to download

File Size   599.27 Kbytes
Page   136 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Serial Bus single-chip host and device controller

ISP1161A1 Datasheet (HTML) - NXP Semiconductors


ISP1161A1 Product details

General description

The ISP1161A1 is a single-chip Universal Serial Bus (USB) Host Controller (HC) and Device Controller (DC). The Host Controller portion of the ISP1161A1 complies with Universal Serial Bus Specification Rev. 2.0,supporting data transfer at full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s). The Device Controller portion of the ISP1161A1 also complies withUniversal Serial Bus Specification Rev. 2.0, supporting data transfer at full-speed (12 Mbit/s). These two USB controllers, the HC and the DC, share the same microprocessor bus interface. They have the same data bus, but different I/O locations. They also have separate interrupt request output pins,

separate DMA channels that include separate DMA request output pins and DMA acknowledge input pins. This makes it possible for a microprocessor to control both the USB HC and the USB DC at the same time.



Features

■Complies withUniversal Serial Bus Specification Rev. 2.0

■The Host Controller portion of the ISP1161A1 supports data transfer at full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s)

■The Device Controller portion of the ISP1161A1 supports data transfer at full-speed (12 Mbit/s)

■Combines the HC and the DC in a single chip

■On-chip DC complies with most USB device class specifications

■Both the HC and the DC can be accessed by an external microprocessor via separate I/O port addresses

■Selectable one or two downstream ports for the HC and one upstream port for the DC

■High-speed parallel interface to most of the generic microprocessors and Reduced Instruction Set Computer (RISC) processors such as:

◆Hitachi® SuperH™ SH-3 and SH-4

◆MIPS-based™ RISC

◆ARM7™, ARM9™, StrongARM®

■Maximum 15 Mbyte/s data transfer rate between the microprocessor and the HC, 11.1 Mbyte/s data transfer rate between the microprocessor and the DC

■Supports single-cycle and burst mode DMA operations

■Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints for the DC

■Built-in separate FIFO buffer RAM for the HC (4 kbytes) and DC (2462 bytes)

■Endpoints with double buffering to increase throughput and ease real-time data transfer for both DC transfers and HC isochronous (ISO) transactions

■6 MHz crystal oscillator with integrated PLL for low EMI

■Controllable LazyClock (100 kHz±50 %) output during ‘suspend’

■Clock output with programmable frequency (3 MHz to 48 MHz)

■Software controlled connection to USB bus (SoftConnect) on upstream port for the DC

■Good USB connection indicator that blinks with traffic (GoodLink) for the DC

■Software selectable internal 15 kΩpull-down resistors for HC downstream ports

■Dedicated pins for suspend sensing output and wake-up control input for flexible applications

■Global hardware reset input pin and separate internal software reset circuits for HC and DC

■Operation from a 5 V or a 3.3 V power supply

■Operating temperature range−40°Cto+85°C

■Available in two LQFP64 packages (SOT314-2 and SOT414-1).



Applications

■Personal Digital Assistant (PDA)

■Digital camera

■Third-generation (3-G) phone

■Set-Top Box (STB)

■Information Appliance (IA)

■Photo printer

■MP3 jukebox

■Game console.




Similar Part No. - ISP1161A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results


Similar Description - ISP1161A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
logo
Texas Instruments
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
Universal Serial Bus General-Purpose Device Controller
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
Universal Serial Bus General-Purpose Device Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com