Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1562 Datasheet (PDF) - NXP Semiconductors

ISP1562 Datasheet PDF - NXP Semiconductors
Part # ISP1562
Download  ISP1562 Download
File Size   442.68 Kbytes
Page   98 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus PCI Host Controller

ISP1562 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1562 Datasheet PDF - NXP Semiconductors

Part # ISP1562
Download  ISP1562 Click to download

File Size   442.68 Kbytes
Page   98 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus PCI Host Controller

ISP1562 Datasheet (HTML) - NXP Semiconductors


ISP1562 Product details

General description

The ISP1562 is a Peripheral Component Interconnect (PCI)-based, single-chip Universal Serial Bus (USB) Host Controller. It integrates two Original USB Open Host Controller Interface (OHCI) cores, one Hi-Speed USB Enhanced Host Controller Interface (EHCI) core, and two transceivers that are compliant with Hi-Speed USB and Original USB. The functional parts of the ISP1562 are fully compliant with Universal Serial Bus Specification Rev. 2.0, Open Host Controller Interface Specification for USB Rev. 1.0a, Enhanced Host Controller Interface Specification for Universal Serial Bus Rev. 1.0, PCI Local Bus Specification Rev. 2.2, and PCI Bus Power Management Interface Specification Rev. 1.1.



Features

■ Complies with Universal Serial Bus Specification Rev. 2.0

■ Supports data transfer at high-speed (480 Mbit/s), full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s)

■ Two Original USB OHCI cores comply with Open Host Controller Interface Specification for USB Rev. 1.0a

■ One Hi-Speed USB EHCI core complies with Enhanced Host Controller Interface Specification for Universal Serial Bus Rev. 1.0

■ Supports PCI 32-bit, 33 MHz interface compliant with PCI Local Bus Specification Rev. 2.2, with support for D3cold standby and wake-up modes; all I/O pins are 3.3 V standard

■ Compliant with PCI Bus Power Management Interface Specification Rev. 1.1 for all hosts (EHCI and OHCI), and supports all power states: D0, D1, D2, D3hot and D3cold

■ CLKRUN support for mobile applications, such as internal notebook design

■ Configurable subsystem ID and subsystem Vendor ID through external EEPROM

■ Digital and analog power separation for better Electro-Magnetic Interference (EMI) and Electro-Static Discharge (ESD) protection

■ Supports hot Plug and Play and remote wake-up of peripherals

■ Supports individual power switching and individual overcurrent protection for downstream ports

■ Supports partial dynamic port-routing capability for downstream ports that allows sharing of the same physical downstream ports between the Original USB Host Controller and the Hi-Speed USB Host Controller

■ Uses 12 MHz crystal oscillator to reduce system cost and EMI emissions

■ Supports dual power supply: PCI Vaux(3V3) and VCC

■ Operates at +3.3 V power supply input

■ Low power consumption

■ Full industrial operating temperature range from −40 °C to +85 °C

■ Full-scan design with high fault coverage (93 % to 95 %) ensures high quality

■ Available in LQFP100 package.



Applications

■ Digital consumer appliances

■ Notebook

■ PCI add-on card

■ PC motherboard

■ Set-Top Box (STB)

■ Web appliances.



 




Similar Part No. - ISP1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1562BE NXP-ISP1562BE Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
More results


Similar Description - ISP1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com