Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91M40800 Datasheet (PDF) - ATMEL Corporation

AT91M40800 Datasheet PDF - ATMEL Corporation
Part # AT91M40800
Download  AT91M40800 Download
File Size   1837.82 Kbytes
Page   153 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb Microcontrollers

AT91M40800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT91M40800 Datasheet PDF - ATMEL Corporation

Part # AT91M40800
Download  AT91M40800 Click to download

File Size   1837.82 Kbytes
Page   153 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb Microcontrollers

AT91M40800 Datasheet (HTML) - ATMEL Corporation


AT91M40800 Product details

Description
The AT91X40 Series is a subset of the Atmel AT91 16/32-bit microcontroller family, which is based on the ARM7TDMI processor core. This processor has a high-performance 32-bit RISC architecture with a high-density 16-bit instruction set and very low power consumption. In addition, a large number of internally banked registers result in very fast exception handling, making the device ideal for real-time control applications.

Features
• Incorporates the ARM7TDMI™ ARM® Thumb® Processor Core
   – High-performance 32-bit RISC Architecture
   – High-density 16-bit Instruction Set
   – Leader in MIPS/Watt
   – Embedded ICE (In-Circuit Emulation)
• On-chip SRAM and/or ROM
   – 32-bit Data Bus
   – Single-clock Cycle Access
• Fully Programmable External Bus Interface (EBI)
   – Maximum External Address Space of 64M Bytes
   – Up to 8 Chip Selects
   – Software Programmable 8/16-bit External Databus
• 8-level Priority, Individually Maskable, Vectored Interrupt Controller
   – 4 External Interrupts, Including a High-priority Low-latency Interrupt Request
• 32 Programmable I/O Lines
• 3-channel 16-bit Timer/Counter
   – 3 External Clock Inputs
   – 2 Multi-purpose I/O Pins per Channel
• 2 USARTs
   – 2 Dedicated Peripheral Data Controller (PDC) Channels per USART
• Programmable Watchdog Timer
• Advanced Power-saving Features
   – CPU and Peripheral Can be Deactivated Individually
• Available in a 100-lead TQFP Package




Similar Part No. - AT91M40800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40800 ATMEL-AT91M40800 Datasheet
255Kb / 18P
AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800 Datasheet
1Mb / 153P
ARM짰 Thumb짰 Microcontrollers
AT91M40800 ATMEL-AT91M40800 Datasheet
1Mb / 153P
ARM® Thumb® Microcontrollers
08/02
AT91M40800-33AI ATMEL-AT91M40800-33AI Datasheet
1Mb / 153P
ARM짰 Thumb짰 Microcontrollers
More results


Similar Description - AT91M40800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
AT91 ARM Thumb Microcontrollers
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128 Datasheet
1Mb / 50P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
AT91 ARM Thumb Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com