Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUV140-64G-RKD Datasheet (PDF) - A-Data Technology

AUV140-64G-RKD Datasheet PDF - A-Data Technology
Part # AUV140-64G-RKD
Download  AUV140-64G-RKD Download
File Size   429.71 Kbytes
Page   2 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description Small and thin

AUV140-64G-RKD Datasheet (PDF)

Go To PDF Page Download Datasheet
AUV140-64G-RKD Datasheet PDF - A-Data Technology

Part # AUV140-64G-RKD
Download  AUV140-64G-RKD Click to download

File Size   429.71 Kbytes
Page   2 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description Small and thin

AUV140-64G-RKD Datasheet (HTML) - A-Data Technology


AUV140-64G-RKD Product details

Features
 Capless & Bookmark Clip design
 Small and thin
 SuperSpeed USB 3.0 Interface
 Strap hole for easy portable
 Weight: 4g
 Warranty: Lifetime
Specifications
 Interface: Super Speed USB 3.0
 Color: Blue / Red
 Capacity: 16GB /32GB/64GB
 Capacity: 16GB /32GB/64GB
 Dimensions(L x H x W): 43 x 16 x 8mm




Similar Part No. - AUV140-64G-RKD

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AUV100F-16G-RRD A-DATA-AUV100F-16G-RRD Datasheet
703Kb / 2P
Christmas icons for holiday season
AUV100F-32G-RRD A-DATA-AUV100F-32G-RRD Datasheet
703Kb / 2P
Christmas icons for holiday season
AUV110-16G-RBL A-DATA-AUV110-16G-RBL Datasheet
972Kb / 1P
Choice of four popular colors
AUV110-16G-RBR A-DATA-AUV110-16G-RBR Datasheet
972Kb / 1P
Choice of four popular colors
AUV110-16G-RPK A-DATA-AUV110-16G-RPK Datasheet
972Kb / 1P
Choice of four popular colors
More results


Similar Description - AUV140-64G-RKD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
Small and Thin 18 g Accelerometer
12/04-Revision 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
Small and Thin -2 g Accelerometer
REV. 0
logo
auris-GmbH
HC1612 AURIS-HC1612 Datasheet
542Kb / 1P
Ultra thin and small leadless type
logo
Advanced Power Electron...
AP4425GO A-POWER-AP4425GO_14 Datasheet
124Kb / 4P
Small & Thin Package
logo
Renesas Technology Corp
PS2801-1 RENESAS-PS2801-1_15 Datasheet
287Kb / 16P
High isolation voltage Small and thin package
PS2805-1 RENESAS-PS2805-1_15 Datasheet
280Kb / 16P
High isolation voltage Small and thin package
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
Small and Thin 5 g iMEMS Accelerometer
Rev.0
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
Small and Thin 2 g Accelerometer
Rev.0
logo
Murata Manufacturing Co...
TZY2Z060A001R00 MURATA1-TZY2Z060A001R00_V01 Datasheet
268Kb / 3P
Small and thin size with external dimensions of
Last updated06/21/2022
More results




About A-Data Technology


A-Data Technology is a Taiwan-based company that specializes in the design and manufacture of memory and storage products.
The company was founded in 2002 and has a strong presence in the global market, with operations and facilities in various countries across Asia, Europe, and the Americas.
A-Data offers a wide range of products including memory modules, solid-state drives (SSDs), flash memory cards, and other storage devices.
The company is known for its high-quality products, competitive prices, and innovation in the memory and storage industry.
A-Data works closely with its customers to provide customized memory and storage solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com