Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9200B Datasheet (PDF) - List of Unclassifed Manufacturers

SC9200B Datasheet PDF - List of Unclassifed Manufacturers
Part # SC9200B
Download  SC9200B Download
File Size   124.48 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DTMF GENERATORS

SC9200B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9200B Datasheet PDF - List of Unclassifed Manufacturers

Part # SC9200B
Download  SC9200B Click to download

File Size   124.48 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DTMF GENERATORS

SC9200B Datasheet (HTML) - List of Unclassifed Manufacturers


SC9200B Product details

[Silan]



DESCRIPTION

The SC9200A/B tone generators are designed forµC interfaces. They can be instructed by aµC to generate 16 dual tones and 8 single tones from the DTMF pin. The SC9200A provides a serial mode whereas the SC9200B contains a selectable serial/parallel mode interface for various applications such as security systems, home automation, remote control through telephone lines communication system, etc.



FEATURES

* Operating voltage: 2.0V~5.5V

* Serial mode for the SC9200A

* Serial/parallel mode for the SC9200B

* Low standby current

* Low total harmonic distortion

* 3.58MHz crystal or ceramic resonator




Similar Part No. - SC9200B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9200B SILAN-SC9200B Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200BS SILAN-SC9200BS Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
More results


Similar Description - SC9200B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
DTMF Filter
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com