Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH5 Datasheet (PDF) - Vishay Siliconix

TH5 Datasheet PDF - Vishay Siliconix
Part # TH5
Download  TH5 Download
File Size   1133.02 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C

TH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH5 Datasheet PDF - Vishay Siliconix

Part # TH5
Download  TH5 Click to download

File Size   1133.02 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C

TH5 Datasheet (HTML) - Vishay Siliconix


TH5 Product details

• Operating temperature up to +200 °C
• Category voltage at +200 °C: same as rated
voltage (RV) at 25 °C to 85 °C
• 500 h continuous operation at RV
• Gold plated terminations
• 100 % surge current tested
• Standard EIA 535BAAC case sizes
• Moisture sensitivity level 1




Similar Part No. - TH5

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TH50A TOPSTEK-TH50A Datasheet
131Kb / 3P
Topstek Current Transducer
TH50A-B12 TOPSTEK-TH50A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
logo
TALEMA Group. LLC
TH50T-0.85-680 TALEMA-TH50T-0.85-680 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
TH50T-0.9-267 TALEMA-TH50T-0.9-267 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
TH50T-0.9-330 TALEMA-TH50T-0.9-330 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
More results


Similar Description - TH5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
06-Dec-16
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
20-Jun-17
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
26-Jun-17
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
22-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com