Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet (PDF) - Vishay Siliconix

TL3 Datasheet PDF - Vishay Siliconix
Part # TL3
Download  TL3 Download
File Size   587.48 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL

TL3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL3 Datasheet PDF - Vishay Siliconix

Part # TL3
Download  TL3 Click to download

File Size   587.48 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL

TL3 Datasheet (HTML) - Vishay Siliconix


TL3 Product details

• DC leakage at 0.005 CV
• Low ESR options
• Qualified to EIA-717
• 100 % surge current tested
(B, C, D, and E case sizes)
• Improved reliability: 0.50 % / 1000 h, 85 °C,
rated voltage
• Molded case available in five case codes
• Terminations: 100 % matte tin standard,
tin / lead available
• Compliant terminations
• Compatible with “high volume” automatic pick and place
equipment
• Moisture sensitivity level 1
• Standard EIA-535-BAAC case size (A through E)




Similar Part No. - TL3

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results


Similar Description - TL3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
17-Jun-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
26-Jun-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
02-Nov-17
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com