Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TL3
Description  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TL3 Datasheet HTML 6Page - Vishay Siliconix TL3 Datasheet HTML 7Page - Vishay Siliconix TL3 Datasheet HTML 8Page - Vishay Siliconix TL3 Datasheet HTML 9Page - Vishay Siliconix TL3 Datasheet HTML 10Page - Vishay Siliconix TL3 Datasheet HTML 11Page - Vishay Siliconix TL3 Datasheet HTML 12Page - Vishay Siliconix TL3 Datasheet HTML 13Page - Vishay Siliconix TL3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
10
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C
1.0
A
TL3A105(1)035(2)7500
0.25
4
7.500
0.10
1.0
A
TL3A105(1)035(2)6000
0.25
4
6.000
0.11
1.0
B
TL3B105(1)035(2)5000
0.25
4
5.000
0.13
1.0
B
TL3B105(1)035(2)2000
0.25
4
2.000
0.21
1.5
B
TL3B155(1)035(2)4200
0.26
6
4.200
0.14
1.5
B
TL3B155(1)035(2)3000
0.26
6
3.000
0.17
1.5
C
TL3C155(1)035(2)3800
0.26
6
3.800
0.17
1.5
C
TL3C155(1)035(2)1500
0.26
6
1.500
0.27
2.2
B
TL3B225(1)035(2)3800
0.39
6
3.800
0.15
2.2
B
TL3B225(1)035(2)2300
0.39
6
2.300
0.19
2.2
C
TL3C225(1)035(2)2900
0.39
6
2.900
0.19
2.2
C
TL3C225(1)035(2)0900
0.39
6
0.900
0.35
3.3
B
TL3B335(1)035(2)3500
0.58
6
3.500
0.16
3.3
B
TL3B335(1)035(2)1500
0.58
6
1.500
0.24
3.3
C
TL3C335(1)035(2)2100
0.58
6
2.100
0.23
3.3
C
TL3C335(1)035(2)0700
0.58
6
0.700
0.40
4.7
C
TL3C475(1)035(2)1900
0.82
6
1.900
0.24
4.7
C
TL3C475(1)035(2)0600
0.82
6
0.600
0.43
4.7
D
TL3D475(1)035(3)1300
0.82
6
1.300
0.34
4.7
D
TL3D475(1)035(3)0600
0.82
6
0.600
0.50
6.8
C
TL3C685(1)035(2)1800
1.19
6
1.800
0.25
6.8
C
TL3C685(1)035(2)0900
1.19
6
0.900
0.35
6.8
D
TL3D685(1)035(3)1100
1.19
6
1.100
0.37
6.8
D
TL3D685(1)035(3)0300
1.19
6
0.300
0.71
10
C
TL3C106(1)035(2)1600
1.75
6
1.600
0.26
10
C
TL3C106(1)035(2)0850
1.75
6
0.850
0.36
10
D
TL3D106(1)035(3)0800
1.75
6
0.800
0.43
10
D
TL3D106(1)035(3)0300
1.75
6
0.300
0.71
15
D
TL3D156(1)035(3)0800
2.63
6
0.800
0.43
15
D
TL3D156(1)035(3)0400
2.63
6
0.400
0.61
22
D
TL3D226(1)035(3)0600
3.85
6
0.600
0.50
22
D
TL3D226(1)035(3)0400
3.85
6
0.400
0.61
22
E
TL3E226(1)035(3)0600
3.85
6
0.600
0.52
22
E
TL3E226(1)035(3)0300
3.85
6
0.300
0.74
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.10
A
TL3A104(1)050(2)19R0
0.25
4
19.000
0.06
0.10
A
TL3A104(1)050(2)10R0
0.25
4
10.000
0.09
0.15
A
TL3A154(1)050(2)17R0
0.25
4
17.000
0.07
0.15
A
TL3A154(1)050(2)10R0
0.25
4
10.000
0.09
0.15
B
TL3B154(1)050(2)14R0
0.25
4
14.000
0.08
0.15
B
TL3B154(1)050(2)9000
0.25
4
9.000
0.10
0.22
B
TL3B224(1)050(2)12R0
0.25
4
12.000
0.08
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com