Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TL3
Description  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TL3 Datasheet HTML 1Page - Vishay Siliconix TL3 Datasheet HTML 2Page - Vishay Siliconix TL3 Datasheet HTML 3Page - Vishay Siliconix TL3 Datasheet HTML 4Page - Vishay Siliconix TL3 Datasheet HTML 5Page - Vishay Siliconix TL3 Datasheet HTML 6Page - Vishay Siliconix TL3 Datasheet HTML 7Page - Vishay Siliconix TL3 Datasheet HTML 8Page - Vishay Siliconix TL3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
2
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option)
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
A (20.00, 10.00) A (19.00, 10.00)
0.15
A (18.00, 6.00)
A (17.00, 10.00) /
B (14.00, 9.00)
0.22
A (15.00, 6.00)
B (12.00, 8.50)
0.33
A (14.00, 10.00)
A (13.00, 6.00)
B (10.00, 4.50)
0.47
A (12.00, 9.00)
A (12.00, 9.00)
A (10.00, 4.00) /
B (8.00, 2.50)
B (8.40, 4.00) /
C (6.70, 1.80)
0.68
A (11.00, 8.00)
A (10.00, 8.00)
B (7.00, 5.00)
B (6.50, 2.50)
C (5.90, 1.60)
1.0
A (9.30, 6.00)
A (9.30, 6.00)
A (8.40, 5.50)
A (7.60, 4.00) /
B (5.00, 2.00)
A (7.50, 6.00) /
B (5.00, 2.00)
B (6.70, 2.00) /
C (4.60, 1.60)
1.5
A (8.00, 6.00)
A (8.00, 6.00)
A (8.00, 6.00)
B (4.60, 2.50)
B (4.60, 2.00)
B (4.20, 3.00) /
C (3.80, 1.50)
C (3.40, 1.50) /
D (2.90, 1.00)
2.2
A (7.60, 6.00)
A (7.60, 6.00)
B (4.60, 2.50)
A (5.90, 4.00) /
B (3.50, 1.50)
A (6.30, 4.00) /
B (3.80, 2.30) /
C (2.90, 1.00)
B (3.80, 2.30) /
C (2.90, 0.90)
C (2.90, 1.50) /
D (2.10, 0.80)
3.3
A (7.60, 4.00)
A (6.30, 5.00)
B (3.50, 2.50)
B (3.50, 2.00)
B (3.00, 1.30)
B (3.10, 1.50) /
C (2.30, 1.00)
B (3.50, 1.50) /
C (2.10, 0.70)
D (1.70, 0.80)
4.7
A (6.30, 3.50)
A (5.50, 3.50) /
B (3.40, 1.80)
A (5.00, 3.00) /
B (3.40, 1.50)
A (3.50, 2.50) /
B (2.90, 1.50)
A (5.50, 3.50) /
B (2.90, 1.00) /
C (2.30, 0.60)
B (2.80, 1.50) /
C (2.0, 0.525)
C (1.90, 0.60) /
D (1.30, 0.60)
D (1.20, 0.60)
6.8
B (4.50, 2.00)
B (3.40, 1.20)
B (2.90, 1.20)
C (1.90, 0.60)
C (1.90, 0.55)
C (1.70, 0.50) /
D (1.20, 0.35)
C (1.80, 0.900) /
D (1.10, 0.30)
E (0.90, 0.54)
10
B (3.50, 1.20)
B (2.90, 1.00)
A (3.40, 2.00) /
C (1.80, 0.55)
A (3.00, 1.70) /
B (2.80, 0.80) /
C (1.80, 0.45)
B (2.50, 1.00) /
C (1.70, 0.45)
B (2.30, 1.30) /
C (1.50, 0.45) /
D (1.00, 0.30)
C (1.60, 0.85) /
D (0.80, 0.30)
E (0.80, 0.55)
15
B (2.90, 1.20)
C (1.80, 0.60)
A (2.90, 2.00) /
C (1.80, 0.50)
B (2.00, 0.80)
D (0.90, 0.30)
C (1.20, 0.425) /
D (0.80, 0.25)
D (0.80, 0.30)
22
A (2.90, 2.00) /
C (1.80, 0.60)
A (2.50, 1.50)
B (1.90, 1.00) /
D (0.80, 0.25)
C (1.20, 0.375) /
D (0.70, 0.225)
C (1.20) /
D (0.70, 0.20)
D (0.70, 0.40) /
E (0.60, 0.300)
33
A (2.90, 1.50) /
C (1.80, 050)
B (1.90, 0.60) /
C (1.50, 0.40)
B (1.90, 0.60) /
C (1.40, 0.35) /
D (0.80, 0.25)
B (1.80, 0.50) /
C (1.10, 0.30) /
D (0.70, 0.225)
D (0.70, 0.20)
D (0.70, 0.30) /
E (0.60, 0.20)
47
B (2.50, 0.60) /
C (1.80, 0.40)
B (2.00, 0.55) /
C (1.40, 0.30) /
D (0.80, 0.20)
B (1.80, 0.60) /
C (1.10, 0.30) /
D (0.70, 0.20)
C (1.00, 0.30) /
D (0.70, 0.15)
D (0.70, 0.20) /
E (0.60, 0.15)
D (0.70, 0.35) /
E (0.60, 0.30)
68
D (0.80, 0.175)
D (0.70, 0.20)
D (0.70, 0.15)
D (0.60, 0.15)
D (0.70, 0.175) /
E (0.60, 0.15)
100
B (1.80, 0.45) /
D (0.70, 0.175)
B (1.70, 0.70) /
D (0.70, 0.14)
C (0.90, 0.20) /
D (0.60, 0.10)
D (0.60, 0.125) /
E (0.60, 0.10)
E (0.50, 0.15)
150
D (0.60, 0.15)
D (0.60, 0.125) /
E (0.50, 0.10)
D (0.60, 0.10)
E (0.50, 0.15)
220
C (0.70, 0.30) /
D (0.60, 0.10) /
E (0.50, 0.10)
D (0.60, 0.36) /
E (0.50, 0.10)
330
E (0.50, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
470
E (0.50, 0.20)
L
T
H (MIN.)
H
W
T
W
P
Glue Pad
Glue Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com