Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7 Datasheet (PDF) - Bel Fuse Inc.

IMX7 Datasheet PDF - Bel Fuse Inc.
Part # IMX7
Download  IMX7 Download
File Size   480.48 Kbytes
Page   14 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 7-Watt DC-DC Converters

IMX7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX7 Datasheet PDF - Bel Fuse Inc.

Part # IMX7
Download  IMX7 Click to download

File Size   480.48 Kbytes
Page   14 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 7-Watt DC-DC Converters

IMX7 Datasheet (HTML) - Bel Fuse Inc.


IMX7 Product details

Description
The IMX7/IMS7 Series of board-mountable 7 Watt DC-DC converters have been designed according to the latest industry requirements and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, railways, industry, or telecom, where variable input voltages or high transient voltages are prevalent.

Features
• RoHS lead-free-solder and lead-solder-exempted products are available.
• Input voltage ranges up to 150 VDC
• 1 or 2 isolated outputs up to 48 V
• 1500 to 2000 VAC voltage withstand test
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 84%)
• Input undervoltage lockout
• Inhibit input, adjustable output voltages
• Flex power: flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability and no derating
• Operating ambient temperature –40 to +85 °C
• Thermal protection
• Supplementary insulation
• Planar technology for best mechanical stability
• 2” × 1” case with 10.5 mm profile




Similar Part No. - IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX70 BEL-IMX70 Datasheet
2Mb / 17P
70 to 90 Watt DC-DC Converters
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
i.MX 7Dual Family
Rev. 5, 07/2017
IMX7DCEC NXP-IMX7DCEC Datasheet
2Mb / 161P
i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
More results


Similar Description - IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
7 Watt DC-DC Converters
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Tumbler Technologies + ...
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com