Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723 Datasheet (PDF) - Littelfuse

SP723 Datasheet PDF - Littelfuse
Part # SP723
Download  SP723 Download
File Size   260.92 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diode Arrays

SP723 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP723 Datasheet PDF - Littelfuse

Part # SP723
Download  SP723 Click to download

File Size   260.92 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diode Arrays

SP723 Datasheet (HTML) - Littelfuse


SP723 Product details

Description
​​​​​​​The SP723 is an array of SCR/Diode bipolar structures for ESD and over-voltage protection of sensitive input circuits. The SP723 has 2 protection SCR/Diode device structures per input. There are a total of 6 available inputs that can be used to protect up to 6 external signal or bus lines. Over-voltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7) to V+ or V-.
The SCR structures are designed for fast triggering at a threshold of one +VBE diode threshold above V+ (Pin 8) or a -VBE diode threshold below V- (Pin 4). From an IN input, a clamp to V+ is activated if a transient pulse causes the input to be increased to a voltage level greater than one VBE above V+. A similar clamp to V- is activated if a negative pulse, one VBE less than V-, is applied to an IN input.
Refer to Fig 1 and Table 1 for further details. Refer to Application Note AN9304 and AN9612 for further detail.

Features
• ESD Interface per HBM Standards
   - IEC 61000-4-2, Direct Discharge . . . . . . . . . . . . . . . . . 8kV (Level 4)
   - IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
   - MIL-STD-3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV
• Peak Current Capability
   - IEC 61000-4-5 8/20µs Peak Pulse Current. . . . . . . . . . . . . . . . . ±7A
   - Single Transient Pulse, 100s Pulse Width. . . . . . . . . . . . . . . . . . ±4A
• Designed to Provide Over-Voltage Protection
   - Single-Ended Voltage Range to . . . . . . . . . . . . . . . . . . . . . . . . +30V
   - Differential Voltage Range to. . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2ns Risetime
• Low Input Leakages . . . . . . . . . . . . . . . . . . . . . . . . 2nA at 25°C Typical
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40°C to 105°C

Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp




Similar Part No. - SP723

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP723ABG LITTELFUSE-SP723ABG Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723ABTG LITTELFUSE-SP723ABTG Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723APP LITTELFUSE-SP723APP Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
5pF 8kV Diode Array
More results


Similar Description - SP723

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
Capacitance TVS Diode Arrays
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
TVS Diode Arrays (SPA짰 Diodes)
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
TVS Diode Arrays
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com