Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723 Datasheet(PDF) 1 Page - Littelfuse

Part # SP723
Description  TVS Diode Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723 Datasheet(HTML) 1 Page - Littelfuse

  SP723 Datasheet HTML 1Page - Littelfuse SP723 Datasheet HTML 2Page - Littelfuse SP723 Datasheet HTML 3Page - Littelfuse SP723 Datasheet HTML 4Page - Littelfuse SP723 Datasheet HTML 5Page - Littelfuse SP723 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
240
www .littelfuse .com
TVS Diode Arrays
Electronic Protection Array for ESD and Overvoltage Protection
SP723
The SP723 is an array of SCR/Diode bipolar structures for ESD and
over-voltage protection of sensitive input circuits. The SP723 has 2
protection SCR/Diode device structures per input. There are a total of 6
available inputs that can be used to protect up to 6 external signal or bus
lines. Over-voltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7)
to V+ or V-.
The SCR structures are designed for fast triggering at a threshold of one
+VBE diode threshold above V+ (Pin 8) or a -VBE diode threshold below
V- (Pin 4). From an IN input, a clamp to V+ is activated if a transient
pulse causes the input to be increased to a voltage level greater than
one VBE above V+. A similar clamp to V- is activated if a negative pulse,
one VBE less than V-, is applied to an IN input.
Refer to Fig 1 and Table 1 for further details. Refer to Application Note
AN9304 and AN9612 for further detail.
Features
• ESD Interface per HBM Standards
- IEC 61000-4-2, Direct Discharge . . . . . . . . . . . . . . . . . 8kV (Level 4)
- IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
- MIL-STD-3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV
• Peak Current Capability
- IEC 61000-4-5 8/20µs Peak Pulse Current. . . . . . . . . . . . . . . . . ±7A
- Single Transient Pulse, 100s Pulse Width. . . . . . . . . . . . . . . . . . ±4A
• Designed to Provide Over-Voltage Protection
- Single-Ended Voltage Range to . . . . . . . . . . . . . . . . . . . . . . . . +30V
- Differential Voltage Range to. . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2ns Risetime
• Low Input Leakages . . . . . . . . . . . . . . . . . . . . . . . . 2nA at 25oC Typical
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40oC to 105oC
Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp
Pinout
SP723
(PDIP, SOIC)
TOP VIEW
Ordering Information
Functional Diagram
PART
NUMBER
Min. Order
Qty.
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
SP723AP
-40 to 105
8 Ld PDIP
E8.3
2000
1960
2500
SP723AB
-40 to 105
8 Ld SOIC
M8.15
SP723ABT
-40 to 105
8 Ld SOIC
Tape and Reel
M8.15
4
V+
V-
IN
3, 5-7
IN
IN
1
8
2
IN
IN
IN
V-
1
2
3
4
8
7
6
5
V+
IN
IN
IN


Similar Part No. - SP723

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP723ABG LITTELFUSE-SP723ABG Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723ABTG LITTELFUSE-SP723ABTG Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723APP LITTELFUSE-SP723APP Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
5pF 8kV Diode Array
More results

Similar Description - SP723

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
Capacitance TVS Diode Arrays
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
TVS Diode Arrays (SPA짰 Diodes)
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
TVS Diode Arrays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com