Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QB-904 Datasheet (PDF) - API Technologies Corp

QB-904 Datasheet PDF - API Technologies Corp
Part # QB-904_17
Download  QB-904 Download
File Size   379.65 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2.0 ??6.0 GHz, 4 Watt Hybrid Driver Amplifier

QB-904 Datasheet (PDF)

Go To PDF Page Download Datasheet
QB-904 Datasheet PDF - API Technologies Corp

Part # QB-904_17
Download  QB-904 Click to download

File Size   379.65 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2.0 ??6.0 GHz, 4 Watt Hybrid Driver Amplifier

QB-904 Datasheet (HTML) - API Technologies Corp




Similar Part No. - QB-904_17

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-904 APITECH-QB-904 Datasheet
373Kb / 2P
2-6 GHZ, 4 WATT POWER AMPLIFIER DRIBER MODEL
More results


Similar Description - QB-904_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
logo
Tyco Electronics
MAAP-000078-PKG001 MACOM-MAAP-000078-PKG001 Datasheet
187Kb / 5P
Amplifier, Power, 12W 2.0-6.0 GHz
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
logo
Mimix Broadband
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
logo
Tyco Electronics
MAAP-000078-PED000 MACOM-MAAP-000078-PED000 Datasheet
405Kb / 8P
Amplifier, Power, 12W 2.0-6.0 GHz
MAAPGM0078-DIE MACOM-MAAPGM0078-DIE Datasheet
894Kb / 7P
Amplifier, Power, 12W 2.0-6.0 GHz
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
API Technologies Corp
QB-925 APITECH-QB-925_14 Datasheet
352Kb / 3P
8 Watt Hybrid Driver Amplifier
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
2.0 ??18.0 GHz 75 Watt Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com