Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOT67K Datasheet (PDF) - OSRAM GmbH

LOT67K Datasheet PDF - OSRAM GmbH
Part # LOT67K
Download  LOT67K Download
File Size   443.38 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Coupling into light guides

LOT67K Datasheet (PDF)

Go To PDF Page Download Datasheet
LOT67K Datasheet PDF - OSRAM GmbH

Part # LOT67K
Download  LOT67K Click to download

File Size   443.38 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Coupling into light guides

LOT67K Datasheet (HTML) - OSRAM GmbH


LOT67K Product details

Hyper TOPLED® Hyper-Bright Low Current LED



 

Features

• package:white P-LCC-2 package, colorless clear resin

• feature of the device:extremely wide viewing angle; ideal for backlighting and coupling in light guides

• wavelength:630 nm (super-red), 606 nm (orange), 587 nm (yellow)

• viewing angle:Lambertian Emitter (120°)

• technology:InGaAlP

• optical efficiency: 6 lm/W (yellow) 5 lm/W (super-red), 9 lm/W (orange)

• grouping parameter:luminous intensity, wavelength

• assembly methods:suitable for all SMT assembly methods

• soldering methods:IR reflow soldering and TTW soldering

• preconditioning:acc. to JEDEC Level 2

• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm

• ESD-withstand voltage:up to 2 kV acc. to JESD22-A114-B



Applications

• indoor displays (e.g. light writing displays)

• optical indicators

• coupling into light guides

• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising)

• interior automotive lighting (e.g. dashboard backlighting)

• marker lights

• signal and symbol luminaire




Similar Part No. - LOT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOT67K-J2K2-24 OSRAM-LOT67K-J2K2-24 Datasheet
181Kb / 15P
Hyper-Bright Low Current LED
logo
HK TO-GRACE TECHNOLOGY ...
LOT67K-K1L2 TO-GRACE-LOT67K-K1L2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
LOT67K-K1M2 TO-GRACE-LOT67K-K1M2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
logo
OSRAM GmbH
LOT67K-K2M1-24 OSRAM-LOT67K-K2M1-24 Datasheet
181Kb / 15P
Hyper-Bright Low Current LED
logo
HK TO-GRACE TECHNOLOGY ...
LOT67K-L1M2 TO-GRACE-LOT67K-L1M2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
More results


Similar Description - LOT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com