Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOT67K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOT67K
Description  Coupling into light guides
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT67K Datasheet(HTML) 1 Page - OSRAM GmbH

  LOT67K Datasheet HTML 1Page - OSRAM GmbH LOT67K Datasheet HTML 2Page - OSRAM GmbH LOT67K Datasheet HTML 3Page - OSRAM GmbH LOT67K Datasheet HTML 4Page - OSRAM GmbH LOT67K Datasheet HTML 5Page - OSRAM GmbH LOT67K Datasheet HTML 6Page - OSRAM GmbH LOT67K Datasheet HTML 7Page - OSRAM GmbH LOT67K Datasheet HTML 8Page - OSRAM GmbH LOT67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-19
1
2013-06-19
TOPLED
Datasheet
Version 1.0
LO T67K
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
• Farbe: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Coupling into light guides
• Einkopplung in Lichtleiter
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LOT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOT67K-J2K2-24 OSRAM-LOT67K-J2K2-24 Datasheet
181Kb / 15P
Hyper-Bright Low Current LED
logo
HK TO-GRACE TECHNOLOGY ...
LOT67K-K1L2 TO-GRACE-LOT67K-K1L2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
LOT67K-K1M2 TO-GRACE-LOT67K-K1M2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
logo
OSRAM GmbH
LOT67K-K2M1-24 OSRAM-LOT67K-K2M1-24 Datasheet
181Kb / 15P
Hyper-Bright Low Current LED
logo
HK TO-GRACE TECHNOLOGY ...
LOT67K-L1M2 TO-GRACE-LOT67K-L1M2 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
More results

Similar Description - LOT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com