Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2040CT Datasheet (PDF) - PACELEADER INDUSTRIAL

MBR2040CT Datasheet PDF - PACELEADER INDUSTRIAL
Part # MBR2040CT
Download  MBR2040CT Download
File Size   367.41 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V

MBR2040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2040CT Datasheet PDF - PACELEADER INDUSTRIAL

Part # MBR2040CT
Download  MBR2040CT Click to download

File Size   367.41 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V

MBR2040CT Datasheet (HTML) - PACELEADER INDUSTRIAL


MBR2040CT Product details

Features
• Meatl of Silicon Rectifier, Majority Conduction
• Guard ring for transient protection
• Low Forward Voltage Drop
• High Current Capability, High Efficiency
• Marking : type number
• Pb-Free package is available
 RoHS product for packing code suffix "G"
 Halogen free product for packing code suffix "H"
• Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1




Similar Part No. - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
Micro Commercial Compon...
MBR2040CT MCC-MBR2040CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
67Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. 9 - 2
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR2040CT BILIN-MBR2040CT Datasheet
353Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20150CT PACELEADER-MBR20150CT Datasheet
359Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150FCT PACELEADER-MBR20150FCT Datasheet
345Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com