Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150CT Datasheet (PDF) - PACELEADER INDUSTRIAL

MBR20150CT Datasheet PDF - PACELEADER INDUSTRIAL
Part # MBR20150CT
Download  MBR20150CT Download
File Size   359.31 Kbytes
Page   3 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 20.0A SCHOTTKY BARRIER RECTIFIERS 150V

MBR20150CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20150CT Datasheet PDF - PACELEADER INDUSTRIAL

Part # MBR20150CT
Download  MBR20150CT Click to download

File Size   359.31 Kbytes
Page   3 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 20.0A SCHOTTKY BARRIER RECTIFIERS 150V

MBR20150CT Datasheet (HTML) - PACELEADER INDUSTRIAL




Similar Part No. - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Taiwan Semiconductor Co...
MBR20150CT TSC-MBR20150CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20150CT TSC-MBR20150CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
logo
Sirectifier Semiconduct...
MBR20150CT SIRECTIFIER-MBR20150CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results


Similar Description - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB20150CT GULFSEMI-SB20150CT Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20150FCT PACELEADER-MBR20150FCT Datasheet
345Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com